Part Number Hot Search : 
FM260 1N3023 035CT 4063A CZRW5254 9479E SMA75 L9120
Product Description
Full Text Search
 

To Download 22-43-3020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compare Products
Compare Products IDT and Solder Connectors [ Home > Products > IDT and Solder Connectors > Compare Products ] Help
14 Matching Products
22-43-3100
22-43-3110
22-43-3120
22-43-3130
22-43-3140
22-43-3150
22-43-3020
22-43-3030
22-43-3040
22-43-3050
22-43-3060
22-43-3070
22-43-3080
22-43-3090
2.5 SPOX IDT RECEPTACLE WHITE 10CKT
2.5 SPOX IDT RECEPTACLE WHITE 11CKT
2.5 SPOX IDT RECEPTACLE WHITE 12CKT
2.5 SPOX IDT RECEPTACLE WHITE 13CKT
2.5 SPOX IDT RECEPTACLE WHITE 14CKT
2.5 SPOX IDT RECEPTACLE WHITE 15CKT
2.5 SPOX IDT RECEPTACLE WHITE 2CKT
2.5 SPOX IDT RECEPTACLE WHITE 3CKT
2.5 SPOX IDT RECEPTACLE WHITE 4CKT
2.5 SPOX IDT RECEPTACLE WHITE 5CKT
2.5 SPOX IDT RECEPTACLE WHITE 6CKT
2.5 SPOX IDT RECEPTACLE WHITE 7CKT
2.5 SPOX IDT RECEPTACLE WHITE 8CKT
2.5 SPOX IDT RECEPTACLE WHITE 9CKT
Circuits / Positions RoHS Compliant Date to be RoHS Compliant Dimension A Dimension B Old Part Number
10
11
12
13
14
15
2
3
4
5
6
7
8
9
No
No
-
-
-
-
No
No
No
No
No
No
No
No
2005-01
2005-01
-
-
-
-
2005-01
2005-01
2005-01
2005-01
2005-01
2005-01
2005-01
2005-01
27.40mm (1.079")
29.90mm (1.177")
32.40mm (1.276")
34.90mm (1.374")
37.40mm (1.472")
39.90mm (1.571")
7.40mm (.291")
9.90mm (.390")
12.40mm (.488")
14.90mm (.587")
17.40mm (.685")
19.90mm (.783")
22.40mm (.882")
24.90mm (.980")
22.50mm (.886")
25.00mm (.984")
27.50mm (1.083")
30.00mm (1.181")
32.50mm (1.280")
35.00mm (1.378")
2.50mm (.098")
5.00mm (.197")
7.50mm (.295")
10.00mm (.394")
12.50mm (.492")
15.00mm (.591")
17.50mm (.689")
20.00mm (.787")
A-42219-10A
A-42219-11A
A-42219-12A
A-42219-13A
A-42219-14A
A-42219-15A
A-42219-02A
A-42219-03A
A-42219-04A
A-42219-05A
A-42219-06A
A-42219-07A
A-42219-08A
A-42219-09A
Common Features
Status Pitch / Center Spacing Termination Method Wire Size [AWG] Wire Entry Angle Gender Packaging Housing Material Color Flammability
Contact
Active
2.50mm (.098")
Insulation Displacement (IDT)
24, 26
Right Angle
Female
Strip
Polyester
Natural
UL 94V-0 Phosphor Bronze (CuSn)
Plating Contact Durability [mating cycles] min. Temperature Range Current-max [amps] Voltage-max [volts] Withstanding Voltage Contact Resistance [ohms] Insulation Resistance [ohms] Panel Mount Product Specification UL File Number CSA File No. Stackable Product Name Unmated Height Designed In Mates With Comment MX01 Catalog Page 990 Catalog Page Molex Series 2.5 SPOX IDT RECEPTACLE WHITE 10CKT 2.5 SPOX IDT RECEPTACLE WHITE 11CKT 2.5 SPOX IDT RECEPTACLE WHITE 12CKT 2.5 SPOX IDT RECEPTACLE WHITE 13CKT 2.5 SPOX IDT RECEPTACLE WHITE 14CKT 2.5 SPOX IDT RECEPTACLE WHITE 15CKT
Tin/Lead (Sn/Pb)
25 cycles
0C to +75C
3.0A
250V
1000V AC
20 milliohms max.
1000 Megohms min.
No
PS-42219
E29179
LR19980
No
SPOXTM
10.41mm (.410")
Millimeters
42249, 42267, 5267, 5268, Headers
Spring Box, Use with 24 AWG solid
B-103
J-4
42219
2.5 SPOX IDT RECEPTACLE WHITE 2CKT
2.5 SPOX IDT RECEPTACLE WHITE 3CKT
2.5 SPOX IDT RECEPTACLE WHITE 4CKT
2.5 SPOX IDT RECEPTACLE WHITE 5CKT
2.5 SPOX IDT RECEPTACLE WHITE 6CKT
2.5 SPOX IDT RECEPTACLE WHITE 7CKT
2.5 SPOX IDT RECEPTACLE WHITE 8CKT
2.5 SPOX IDT RECEPTACLE WHITE 9CKT
http://www.newproduct.molex.com/compare.aspx?BV_SessionID=@@@@13...73&itemlist=88574&itemlist=88575&btnSubmit1.x=56&btnSubmit1.y=17 (1 of 2) [12/01/2005 02:29:35 ?]
Compare Products
22-43-3100
22-43-3110
22-43-3120
22-43-3130
22-43-3140
22-43-3150
22-43-3020
22-43-3030
22-43-3040
22-43-3050
22-43-3060
22-43-3070
22-43-3080
22-43-3090
(c) Copyright 2004 Molex Incorporated Elapsed Time: TimeElapsed secs
http://www.newproduct.molex.com/compare.aspx?BV_SessionID=@@@@13...73&itemlist=88574&itemlist=88575&btnSubmit1.x=56&btnSubmit1.y=17 (2 of 2) [12/01/2005 02:29:35 ?]


▲Up To Search▲   

 
Price & Availability of 22-43-3020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X